PART |
Description |
Maker |
SFH756 SFH756V |
Plastic Fiber Optic Transmitter Diode Plastic Connector Housing SFH Transmitters & Receivers - Transmitter (LED only) 650nm - connector housing
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
10-11-2194 10-11-2193 10-11-2204 10-11-2203 10-11- |
KK 100 Housing Crimp Pol Ramp 19 Ckt 19 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Ramp 19 Ckt 19 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Pol Ramp 20 Ckt 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Ramp 20 Ckt 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 100 KK Term Crp/Pol Rmp 94V-0 11Ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Ramp 14 Ckt 14 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CONN HOUSING 11POS .100 HI PRESS 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Ramp 16 Ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Std 4 Ckt 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Pol Ramp 24 Ckt 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Std 16 Ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CONN HOUSING 7POS .100 HI PRESS 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CONN HOUSING 12POS .100 HI PRESS 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 100 Housing Crimp Pol Ramp 7 Ckt KK 100 Housing Crimp Std 7 Ckt KK 100 Housing Crimp Pol Ramp 2 Ckt
|
Molex, Inc. MOLEX INC
|
90123-0124 90123-0107 90123-0104 90123-0125 90123- |
Connector Housing; Number of Contacts:24; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; No. of Contacts:7; Pitch Spacing:2.54mm; No. of Rows:1; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp RoHS Compliant: Yes 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; No. of Contacts:4; Pitch Spacing:2.54mm; No. of Rows:1; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp RoHS Compliant: Yes 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP C-Grid Modr Crp Hsg SR W/2Pol Bttn 25Ckt 25 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP HOUSING, POLARISED 20WAY ; Ways, No. of:20; Approval Bodies:UL, CSA; Current rating:3A; Housing type:Polyphenylene Oxide UL94V-1; Pitch:2.54mm; Resistance, contact:20mR; Resistance, insulation:5000MR; Series:CGRID; Temp, op.
|
Molex, Inc. MOLEX INC
|
H01000A0137 |
Connector Accessories Cable Terminator For Printed Circuits
|
Telegartner
|
0009016064 09-01-6064 2574-6A1 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 6 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0474680001 |
2.54mm (.100) SIM Card Connector, 6 Circuits, Surface Mount, with Guide Rail, Housing Height 2.00mm (.079), Lead Free MOLEX Connector
|
Molex Electronics Ltd.
|
0009016083 09-01-6083 2574-8A4 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 8 Circuits, Rib between 5 & 6 MOLEX Connector
|
Molex Electronics Ltd.
|
0009016101 09-01-6101 2574-10A6 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 10 Circuits, Rib between 4 & 5, 7 & 8 MOLEX Connector
|
Molex Electronics Ltd.
|
0877153908 87715-3908 |
1.00mm (.039) Pitch, PCI Express* Connector, 230 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.38μm (15μ) Gold (Au) Plating, with Plastic Pegs MOLEX Connector
|
Molex Electronics Ltd.
|
51021-0300 51021-1400 51021-0600 |
Crimp Housing, 1.25 mm Pitch Wire-To-Board System, 3 Circuits 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Crimp Pin Contact; Number of Contacts:14; Pitch Spacing:0.049"; Number of Rows:1; Mounting Type:Header; Body Material:PBT Polyester; Color:Natural; Gender:Female 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE RECEPTACLE HOUSING, 6WAY 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
10-63-3044 10-63-3064 10-63-3054 10-63-3034 |
Connector Housing; Number of Contacts:4; Pitch Spacing:5mm; Number of Rows:1; Series:SPOX; Connector Body Material:Nylon; Contact Termination:Crimp 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Number of Contacts:6; Pitch Spacing:5mm; Number of Rows:1; Series:SPOX; Connector Body Material:Nylon; Contact Termination:Crimp 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Number of Contacts:5; Pitch Spacing:5mm; Number of Rows:1; Series:SPOX; Connector Body Material:Nylon; Contact Termination:Crimp 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 5/7.5MM KK SPOX HOUSING 519903 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
|